PART |
Description |
Maker |
SPC-GB-EZX-39CNA SPC-GB-EZX-61CDA SPC-GB-EZX-61CNA |
FIBER OPTIC TRANSCEIVER, 1505-1518nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1525-1538nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1345-1358nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1465-1478nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1325-1338nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1605-1618nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1425-1438nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1305-1318nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1285-1298nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1365-1378nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1405-1418nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1565-1578nm, 1250Mbps(Tx), 1250Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 CWDM 120 Km Gigabit Ethernet SFP Transceiver
|
Vectron International, Inc. Cypress Semiconductor Corp. Cypress Semiconductor, Corp. Mini-Circuits NXP Semiconductors N.V. http:// Source Photonics, Inc.
|
TOCP100X-B |
PLASTIC CLADDING SILICA FIBER WITH FIBER OPTIC CONNECTORS
|
TOSHIBA
|
TOCP150Q-B |
PLASTIC CLADDING SILICA FIBER WITH FIBER OPTIC CONNECTORS
|
TOSHIBA
|
TOCP200X-B |
PLASTIC CLADDING SILICA FIBER WITH FIBER OPTIC CONNECTORS
|
TOSHIBA
|
TOCP200Q-B |
PLASTIC CLADDING SILICA FIBER WITH FIBER OPTIC CONNECTORS
|
TOSHIBA
|
TOCP201Q-B |
OPTICAL FIBER WITH FIBER OPTIC CONNECTORS
|
TOSHIBA
|
TOCP151X-B |
OPTICAL FIBER WITH FIBER OPTIC CONNECTORS
|
TOSHIBA
|
TOCP101X-B |
OPTICAL FIBER WITH FIBER OPTIC CONNECTORS
|
TOSHIBA
|
FSTMARD F250BT-C FSTMABL |
ST Fiber Optic Connectors ?Field Polish Termination
|
PANDUIT CORP.
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
HFBR-53D5EM HFCT-53D5EM HFCT-53D5FM HFBR-53D5FM HF |
HFCT-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFCT-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFBR-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Flush Shield, Metalized Housing HFBR-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Extended Shield, Metalized Housing HFBR-53D5 · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, No Shield, Plastic Housing HFBR-0535 · Evaluation Kit for 1x9 fiber optic modules at 1.25 GBd 1 x 9 Fiber Optic Transceiver for Gigabit Ethernet
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Agilent / Hewlett-Packard
|
|